Part Number Hot Search : 
KDS114E RBV1001D 25ETT SG3548 C484FD26 06P303 FDS6680A 2409S
Product Description
Full Text Search
 

To Download P10NG-0509E21LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pmb-series ? p(c)10ng-xxxxe/z2:1(h30)lf ? single / dual output ? sip8 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 1/4 p(c)10ng-xxxxe/z2:1(h30)lf all specifications typical at ta=25c, nominal inpu t voltage and full load unless otherwise specified input specifications voltage range 2:1 wide input (see table) input filter capacitor input reflected ripple current1 35 ma pk-pk output specifications voltage accuracy 2% short circuit protection indefinite (automatic recovery) line regulation 0.5% load regulation (25% - 100%) 1% ripple and noise (20mhz bandwidth) 80 mv pk-pk temperature coefficient 0.02% / c general specifications i/o isolation voltage (3 sec.) 1000 vdc (3000 vdc optional)* i/o isolation capacity 60 pf i/o isolation resistance 1000 m ohm switching frequency 100 - 650 khz humidity 95% rel h reliability calculated mtbf (mil-hdbk-217f) > 2.732 mhrs physical specifications case material non conductive black plastic (ul94v-0 rated) potting material epoxy (ul94v-0 rated) weight ~ 4.5g, typ. environment specifications operating temperature -40 to +85c (ambient) maximum case temperature 100c storage temperature -40 to +125c cooling free air convection rohs conform soldering 260c, max. (1.5mm from case 10s.) mainzer stra?e 151?153 d-55299 nackenheim tel. +49 6135 7026-0 fax: +49 6135 931070 www.peak-electronics.de peak@peak-electronics.de the pm b 2 watt series is a family of cost effective 2 w single and dual output dc/dc converters with an optional control pi n (sip). these converters are encapsulated in an ultra miniature s ip8 or dip16 plastic or metal case. high performance features: continuous / long time short circuit protection with automatic restart and tight line / load regulation, high efficiency operation and output voltage accuracy of 2% maximum. pmb-series  2 watt  2:1 wide input  reg. single and dual output  1 - 3 kv dc i/o isolation  sip8 case  on/off control (optional)  contin. short circuit protection rev.12-2008
pmb-series ? p(c)10ng-xxxxe/z2:1(h30)lf ? single / dual output ? sip8 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 2/4 selection guide single output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 single output p10ng-053r3e2:1lf 4.5-9 15 492 3.3 125 500 67 3300 p10ng-0505e2:1lf 4.5-9 15 571 5 100 400 70 3300 p10ng-0509e2:1lf 4.5-9 30 555 9 56 222 72 470 p10ng-0512e2:1lf 4.5-9 30 555 12 42 167 72 470 p10ng-0515e2:1lf 4.5-9 30 547 15 33 133 73 470 p10ng-0524e2:1lf 4.5-9 60 533 24 21 83 75 220 p10ng-123r3e2:1lf 9-18 15 205 3.3 125 500 67 3300 p10ng-1205e2:1lf 9-18 15 216 5 100 400 77 3300 p10ng-1209e2:1lf 9-18 15 213 9 56 222 78 470 p10ng-1212e2:1lf 9-18 15 208 12 42 167 80 470 p10ng-1215e2:1lf 9-18 15 213 15 33 133 78 470 p10ng-1224e2:1lf 9-18 15 208 24 21 83 80 220 p10ng-243r3e2:1lf 18-36 8 98 3.3 125 500 70 3300 p10ng-2405e2:1lf 18-36 8 108 5 100 400 77 3300 p10ng-2409e2:1lf 18-36 8 104 9 56 222 80 470 p10ng-2412e2:1lf 18-36 8 104 12 42 167 80 470 p10ng-2415e2:1lf 18-36 8 104 15 33 133 80 470 p10ng-2424e2:1lf 18-36 8 104 24 21 83 80 220 p10ng-483r3e2:1lf 36-72 6 48 3.3 125 500 71 3300 p10ng-4805e2:1lf 36-72 6 56 5 100 400 74 3300 p10ng-4809e2:1lf 36-72 6 53 9 56 222 78 470 p10ng-4812e2:1lf 36-72 6 53 12 42 167 78 470 p10ng-4815e2:1lf 36-72 6 53 15 33 133 78 470 p10ng-4824e2:1lf 36-72 6 52 24 21 83 80 220 if you need other specifications, please enquire. *options: control on/off for optional control pin please add ?c? between p and 10 (for example: p c 10ng-2424e2:1lf) 3 kv i/o isolation for optional 3kv dc i/o isolation, please add ?h30? before lf! (p10ng-2424e2:1 h30 lf for 3kv)
pmb-series ? p(c)10ng-xxxxe/z2:1(h30)lf ? single / dual output ? sip8 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 3/4 selection guide dual output order # i n p u t v o l t a g e ( v d c ) i n p u t c u r r e n t n o l o a d ( m a ) i n p u t c u r r e n t f u l l l o a d ( m a ) o u t p u t v o l t a g e ( v d c ) o u t p u t c u r r e n t m i n . l o a d ( m a ) o u t p u t c u r r e n t f u l l l o a d ( m a ) e f f i c i e n c y ( % ) c a p a c i t o r l o a d ( u f ) 2 dual output p10ng-053r3z2:1lf 4.5-9 20 471 3.3 63 250 70 1000 p10ng-0505z2:1lf 4.5-9 20 571 5.0 50 200 70 1000 p10ng-0509z2:1lf 4.5-9 20 540 9.0 28 111 74 220 p10ng-0512z2:1lf 4.5-9 25 533 12.0 21 83 75 220 p10ng-0515z2:1lf 4.5-9 25 533 15.0 17 67 75 220 p10ng-0524z2:1lf 4.5-9 60 563 24.0 10 42 71 100 p10ng-123r3z2:1lf 9-18 15 188 3.3 63 250 73 1000 p10ng-1205z2:1lf 9-18 15 222 5.0 50 200 75 1000 p10ng-1209z2:1lf 9-18 15 210 9.0 28 111 79 220 p10ng-1212z2:1lf 9-18 15 208 12.0 21 83 80 220 p10ng-1215z2:1lf 9-18 15 210 15.0 17 67 79 220 p10ng-1224z2:1lf 9-18 30 219 24.0 10 42 76 100 p10ng-243r3z2:1lf 18-36 8 94 3.3 63 250 73 1000 p10ng-2405z2:1lf 18-36 8 106 5.0 50 200 78 1000 p10ng-2409z2:1lf 18-36 8 105 9.0 28 111 79 220 p10ng-2412z2:1lf 18-36 8 104 12.0 21 83 80 220 p10ng-2415z2:1lf 18-36 8 104 15.0 17 67 80 220 p10ng-2424z2:1lf 18-36 20 106 24.0 10 42 78 100 p10ng-483r3z2:1lf 36-72 6 47 3.3 63 250 73 1000 p10ng-4805z2:1lf 36-72 6 56 5.0 50 200 74 1000 p10ng-4809z2:1lf 36-72 6 53 9.0 28 111 79 220 p10ng-4812z2:1lf 36-72 6 53 12.0 21 83 79 220 p10ng-4815z2:1lf 36-72 6 52 15.0 17 67 80 220 p10ng-4824z2:1lf 36-72 12 55 24.0 10 42 75 100 if you need other specifications, please enquire. *options: control on/off for optional control pin please add ?c? between p and 10 (for example: p c 10ng-2424z2:1lf) 3 kv i/o isolation for optional 3kv dc i/o isolation, please add ?h30? before lf! (p10ng-2424z2:1 h30 lf for 3kv)
pmb-series ? p(c)10ng-xxxxe/z2:1(h30)lf ? single / dual output ? sip8 - plastic case specification can change without a notice ? we acce pt no liability for any inaccuracy or printing erro rs. page 4/4 package / pinning / derating 3,50 (0.14) 0.25 (0.01) 11.10 (0.44) 0.50 (0.02) 3.05 (0.12) # single dual single "c" dual "c" 1 - vin - vin - vin - vin 2 +vin +vin +vin +vin 3 omitted n.c. ctrl. ctrl. 5 omitted n.c. n.c. n.c. 6 +vout +vout +vout +vout 7 - vout - vout - vout - vout 8 n.c. common n.c. common (same pinning for 3kv i/o isolation) pin connections app notes: 1 = measured input reflected ripple current with a simu lated source inductance of 12uh 2 = tested by nominal vin and constant resistive load. - operation under no-load conditions will not damag e these devices, but they will not observe the list ed specifications. mcu (master control unit) the mcu pin voltage is referenced to ?vin (pin1) on: 0 ? 0.8 vdc / open / short circuit pin1 and pi n3 off: 5 vdc off idle current: 5ma, typ.


▲Up To Search▲   

 
Price & Availability of P10NG-0509E21LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X